PART |
Description |
Maker |
MC14023UBCL MC14023UBCP MC14023UBD MC14025UBCL MC1 |
Triple 3-nput NAND Gate Quad 2-nput NOR Gate Dual 4-nput NAND Gate Dual 4-nput NOR Gate From old datasheet system Audio CODEC IC; IC Function:Audio Codec; Package/Case:28-SSOP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:20; No. of Channels:2; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, DUAL 4-INPUT NOR GATE, PDIP14 OSC 5V SMT 7X5 CMOS PROGRM 4000/14000/40000 SERIES, TRIPLE 3-INPUT NOR GATE, CDIP14 OSC 5V SMT 7X5 CMOS PROGRM 4000/14000/40000 SERIES, TRIPLE 3-INPUT NOR GATE, PDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, CDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 UB-Suffix Series COMS Gates 瑞银后缀系列COMS卫星盖茨
|
MOTOROLA[Motorola Inc] ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
MC14011BDG |
B-Suffix Series CMOS Gates
|
ON Semiconductor
|
MC14012B06 MC14012BCPG MC14012BDG MC14012BDR2G MC1 |
B−Suffix Series CMOS Gates
|
ONSEMI[ON Semiconductor]
|
MH1RT |
Rad Hard 1.6M Used Gates 0.35 m CMOS Sea of Gates / Embedded Gates
|
Atmel
|
LZ931000 LZ9813000 LZ9811000 LZ9G1900 LZ95300 LZ95 |
FPGA, 1010 GATES FPGA, 13000 GATES FPGA, 11000 GATES FPGA, 1900 GATES FPGA, 315 GATES FPGA, 1680 GATES FPGA, 6075 GATES FPGA, 5000 GATES FPGA, 8370 GATES FPGA, 650 GATES
|
SHARP ELECTRONICS CORP
|
HD74LV2G02A HD74LV2G00AUSE |
Dual 2input NOR Gates ?输入或非门 Dual 2-input NOR Gates From old datasheet system Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A
|
STMicroelectronics N.V. Renesas Electronics Corporation FAIRCHILD[Fairchild Semiconductor]
|
ATL35 |
The ATL35 series ASIC family is fabricated on a 0.35 micron CMOS process with up to four levels of metal. This family features arrays with up to 2.7 million routable gates and 976 pins. The high density and high pin count capabilities of t
|
Atmel
|
AS7C1024B AS7C1024BV1.2 AS7C1024B-20TJIN AS7C1024B |
From old datasheet system SRAM - 5V Fast Asynchronous High Speed CMOS Logic Hex Inverters 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-PDIP -55 to 125
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
256 600 120 ATL25_432 ATL25 ATL25_976 ATL25_100 AT |
ASIC 专用集成电路 From old datasheet system The ATL25 series gate array and embedded array families from Atmel are fabricated on a 0.25 micron CMOS process with 5 levels of metal. This family features arrays with up to 6.9 million routable gates and 976 pins. The high density and hi
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
4073B 4071B 4072B |
CMOS OR GATES
|
RANDE[R & E International, Inc.]
|